PART |
Description |
Maker |
E91F451VNT681MU50T E92L3J1VNT E92L3J1VND821MB50T E |
High Ripple Snap Mount Capacitors High Ripple Snap Mount Capacitors
|
United Chemi-Con, Inc.
|
CD29LQL |
EC Snap-In 85∑C Long Lifetime 7.000h Highest Ripple Currents Largest Size(Snap-In)
|
JIANGHAI[Jianghai Europe GmbH]
|
CD29HQH |
EC Snap-In 105∑C Long Lifetime 5.000h Highest Ripple Currents Miniaturized(Snap-In)
|
南通江海电容器股份有限公司
|
CD29LQL |
EC Snap-In 85∑C Long Lifetime 7.000h Highest Ripple Currents Largest Size(Snap-In)
|
南通江海电容器股份有限公司
|
193PURSISOLAR-15 |
Aluminum Capacitors Power Ultra High Ripple Current Snap-In for Solar
|
Vishay Siliconix
|
MC54-74HC390 MC54HC390J MC74HC390D MC74HC390N MC54 |
Dual 4-Stage Binary Ripple Counter with ±2 and ±5 Sections HC/UH SERIES, ASYN NEGATIVE EDGE TRIGGERED 3-BIT UP DECADE COUNTER, PDIP16 Dual 4-Stage Binary Ripple Counter with ±2and ±5 Sections Dual 4-Stage Binary Ripple Counter with ÷2 and ÷5 Sections Dual 4-Stage Binary Ripple Counter with 2and 5 Sections DUAL 4-STAGE BLNARY RIPPLE COUNTER WITH *2 AND * 5 SECTIONS From old datasheet system Dual 4-Stage Binary Ripple Counter with and Sections Dual 4-Stage Binary Ripple Counter with 2 and 5 Sections High-Performance Silicon-Gate CMOS Dual 4-Stage Binary Ripple Counter with and Sections
|
Motorola, Inc. MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
KWDCTAAD KWDCTAAB KWDCTAAM KWDCTAAG KWDCTAAQ KWDCT |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 11.84mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2.92mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 8mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 23.34mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.48mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 9.93mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.83mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2.46mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.03mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 9.56mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.42mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 2.46mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 2.92mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 23.34mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 9.56mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 2.46mm, THROUGH HOLE-STRAIGHT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 4.83mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 5.03mm, PANEL MOUNT
|
ZF Electronics, Corp. THE CHERRY CORP
|
UCS2G6R8MPD UCS2G680MHD |
Aluminum Electrolytic Radial Lead High Ripple, Long Life Capacitor; Capacitance: 6.8uF; Voltage: 400V; Case Size: 10x16 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 6.8 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead High Ripple, Long Life Capacitor; Capacitance: 68uF; Voltage: 400V; Case Size: 18x25 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 68 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
D362-A8MA D369-A8JA D369-A8ML D361-W9LD D369-W9LD |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 21.9mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 5.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 12.8mm, PANEL MOUNT
|
THE CHERRY CORP
|
TMCFD6ST2560W TMCGH3ST2560C TMCFD6ST2560C ST2060Y |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.5A, 125VDC, 10.92mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 10.92mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.5A, 125VDC, 10.92mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.5A, 125VDC, 5.71mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 11.1mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.5A, 125VDC, 8.38mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 8.38mm, PANEL MOUNT
|
ITT CANNON
|
|